Part Number Hot Search : 
ADM697 2M160 P10N6 B34063AM RKD701KN ISL59441 SC251N 4855I
Product Description
Full Text Search
 

To Download 0482009200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 06/04/2010 please check www.molex.com for latest part information part number: 0482009200 status: active overview: description: 1.27mm (.050") pitch compact pci slot, board-to-board edge card connector, vertical, double-sided, dual read-out, brown, with plastic peg, gold (au) flash, voltage 5v, 184 circuits, lead free general product family edge card connectors series 48200 comments 5v card configuration component type edgecard to pcb overview edge_card_connectors product name edge card physical circuits (loaded) 184 circuits (maximum) 184 circuits detail all signal durability (mating cycles max) 50 entry angle vertical (top entry) keying to mating part yes material - plating mating gold material - plating termination tin pc tail length (in) 0.118 in pc tail length (mm) 3.00 mm pcb locator yes pcb retention yes pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type tray pitch - mating interface (in) 0.050 in pitch - mating interface (mm) 1.27 mm polarized to mating part yes temperature range - operating -10c to +85c termination interface: style through hole electrical current - maximum per contact 1a voltage - maximum 30v solder process data lead-free process capability wave capable (th only) process temperature max. c 260 material info reference - drawing numbers packaging specification pk-48200-001 product specification ps-48200-001, rps-48200-002 sales drawing sd-48200-001 test summary ts-48200-001 eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 48200 series mates with 64-bit pci card this document was generated on 06/04/2010 please check www.molex.com for latest part information





▲Up To Search▲   

 
Price & Availability of 0482009200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X